データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PQ3DZ13 データシート(PDF) 2 Page - Sharp Corporation

部品番号 PQ3DZ13
部品情報  0.5A/1.0A Output, General Purpose, Surface Mount Type Low Power-Loss Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3DZ13 データシート(HTML) 2 Page - Sharp Corporation

  PQ3DZ13 Datasheet HTML 1Page - Sharp Corporation PQ3DZ13 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tec.PW970401
(Unless otherwise specified, conditions shall be Io=0.3A[PQ05DZ51 series], Io=0.5A[PQ05DZ11 series]*4, Ta=25˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Vo
4.85
5.0
5.15
3.201
3.3
3.399
V
RegL
Io=5mA to 0.5A
Io=5mA to 1.0A
2.0
%
RegI
*5, Io=5mA
2.5
%
TcVo
Tj=0 to 125˚C, Io=5mA
±0.01
%/˚C
RR
45
2.0
200
0.8
2
10
dB
Vi-o
*6, Io=0.3A
*6, Io=0.5A
0.5
V
VC(on)
V
VC(on)
V
Iq
Io=0A
Iqs
Vc=0.4V, Io=0A
5
mA
*6 Input voltage shall be the value when output voltage is 95% in comparison with the initial value. PQ3DZ51/11:Vin=3.7V
IC(on)
IC(off)
VC=0.4V
µA
µA
µA
*4 PQ3DZ53/13:Vin=5V, PQ05DZ51/11:Vin =7V, PQ09DZ51/11:Vin =11V, PQ12DZ51/11: Vin =14V
8.73
9.0
9.27
11.64
12.0
12.36
PQ3DZ53/PQ3DZ13
PQ05DZ51/PQ05DZ11
PQ05DZ51 series
PQ05DZ11 series
PQ09DZ51/PQ09DZ11
PQ12DZ51/PQ12DZ11
*5 PQ3DZ53/13:Vin=4 to 10V, PQ05DZ51/11:Vin = 6 to 16V, PQ09DZ51/11:Vin =10 to 20V,
PQ12DZ51/11: Vin =13 to 23V
PQ05DZ51 series
PQ05DZ11 series
PQ05DZ51/11 series
Low Power-Loss Voltage Regulator
Output
voltage
Ripple rejection
Line regulation
Temperature coefficient of output voltage
Load
regulation
Dropout
voltage
ON-state current for control
ON-state voltage for control
OFF-state voltage for control
OFF-state current for control
Quiescent current
Output OFF-state consumption current
Electrical Characteristics
*7 In case of opening control terminal 2 , output voltage turns off.
As of April 1997
*7



Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com