| データシートサーチシステム |
|
MAX6602UE9A+ データシート(PDF) 12 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX6602UE9A+ データシート(HTML) 12 Page - Maxim Integrated Products |
|
12 / 18 page ![]() Five-Channel Precision Temperature Monitor 12 ______________________________________________________________________________________ Table 6. Configuration 3 Register BIT NAME POR STATE FUNCTION 7 (MSB) Reserved 0 — 6 Reserved 0 — 5 Reserved 0 — 4 Reserved 0 — 3 Mask OVERT 4 0 Channel 4 Remote-Diode OVERT Mask Bit. Set to logic 1 to mask channel 4 OVERT. 2 Reserved 0 — 1 Reserved 0 — 0 Mask OVERT 1 0 Channel 1 Remote-Diode OVERT Mask Bit. Set to logic 1 to mask channel 1 OVERT. BIT NAME POR STATE FUNCTION 7 (MSB) STOP 0 Standby Mode Control Bit. If STOP is set to logic 1, the MAX6602 stops converting and enters standby mode. 6POR 0 Reset Bit. Set to logic 1 to put the device into its power-on state. This bit is self- clearing. 5 TIMEOUT 0 Timeout Enable Bit. Set to logic 0 to enable SMBus timeout. 4 Fast remote 1 0 Channel 1 Fast Conversion Bit. Set to logic 1 to enable fast conversion of channel 1. 3 Resistance cancellation 0 Resistance Cancellation Bit. When set to logic 1, the MAX6602 cancels series resistance in the channel 1 thermal diode. 2 Reserved 0 — 1 Reserved 0 — 0 Reserved 0 — Table 4. Configuration 1 Register Table 5. Configuration 2 Register BIT NAME POR STATE FUNCTION 7 (MSB) Reserved 0 — 6 Mask Local ALERT 0 Local Alert Mask. Set to logic 1 to mask local channel ALERT. 5 Reserved 0 — 4 Reserved 0 — 3 Mask ALERT 4 0 Channel 4 Alert Mask. Set to logic 1 to mask channel 4 ALERT. 2 Mask ALERT 3 0 Channel 3 Alert Interrupt Mask. Set to logic 1 to mask channel 3 ALERT. 1 Mask ALERT 2 0 Channel 2 Alert Mask. Set to logic 1 to mask channel 2 ALERT. 0 Mask ALERT 1 0 Channel 1 Alert Mask. Set to logic 1 to mask channel 1 ALERT. |
|
|
リンク URL |
| ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | データシートへのリンク | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |