| データシートサーチシステム |
|
MAX13485E データシート(PDF) 2 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX13485E データシート(HTML) 2 Page - Maxim Integrated Products |
|
2 / 5 page ![]() Detailed Description of Hardware The MAX13485E EV kit provides a proven layout for the MAX13485E. On-board pads are included for adding external fail-safe resistors. JU2 can be used to monitor the A and B lines with a differential probe. A terminal block is also included to easily connect a cable to the EV kit board. An electrical grid with vias and GND vias are present on the board to enable prototyping. MAX13485E Evaluation Kit 2 _______________________________________________________________________________________ * Default position. Table 1. Jumper Table (JU1, JU2, JU3) JUMPER SHUNT POSITION DESCRIPTION Open Does not connect the 120 Ω resistor differentially between A and B JU1 Closed* Connects the 120 Ω resistor differentially between A and B Open* R2 and R5 not connected JU2 Closed Connects A and B through R2 and R5 if populated for testing custom termination and common-mode Open Keeps DE and RE electrically separate JU3 Closed* Shorts DE and RE |