データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S21ME データシート(PDF) 1 Page - Sharp Corporation

部品番号 S21ME
部品情報  European Safety Standard Approved, Long Creepage Distance Type Phototriac Couplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S21ME データシート(HTML) 1 Page - Sharp Corporation

  S21ME Datasheet HTML 1Page - Sharp Corporation S21ME Datasheet HTML 2Page - Sharp Corporation S21ME Datasheet HTML 3Page - Sharp Corporation S21ME Datasheet HTML 4Page - Sharp Corporation S21ME Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S21ME Series
S21ME Series
European Safety Standard Approved,
Long Creepage Distance Type
Phototriac Couplers
s Features
s Applications
1. Long creepage distance type
( Creepage distance : 8mm or more )
2. Internal insulation distance : 0.5mm or
more
4. Low minimum trigger current
( IFT : MAX. 7mA )
5. Built-in zero-cross circuit
( Distance between lead pins : 10.16mm )
( VDRM : MIN. 600V )
8. High isolation voltage between input and output
( Viso
1. For triggering medium/high power triac
g Lead forming type ( I type) of S21ME
(S21ME4 / S21ME4F)
6. Lead forming type/ S21ME3F, S21ME4F
S21ME3
θ
Anode
mark
S21ME3
123
4
5
6
12
3
4
5
6
g
Zero-cross
circuit
Internal connection diagram
S21ME3
S21ME4
and
1 Anode
2 Cathode
3 NC
4 Anode/
Cathode
5 No external
connection
6 Anode/
Cathode
123
4
5
6
12
3
4
5
6
Internal connection diagram
Anode
mark
S21ME3
S21ME4
and
1 Anode
2 Cathode
3 NC
4 Anode/
Cathode
5 No external
connection
6 Anode/
Cathode
g
Zero-cross
circuit
s Outline Dimensions
(Unit : mm )
3. Description of approved safety standards
( Lead forming type is also registered as
S21ME3 / S21ME4 .)
Recoginized by UL 1577 ( double protection included )
file No. E64380
S21ME3 / S21ME3F
S21ME4 / S21ME4F No. 8705123
S21ME3 / S21ME3F No. 099443-01
S21ME4 / S21ME4F No. 099444-01
7. High repetitive peak OFF-state voltage
series is also available.
No. 8705122
Approved by VDE, No. 68328
Approved by BSI ( BS415 : No. 6690, BS7002 : No. 7421 )
Approved by DEMKO, No. 84857
Approved by EI
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device. ”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
(S21ME3I/ S21ME4I/ S21ME3FI/ S21ME4FI)
g DIN-VDE0884 approved type is also available as an option.
Approved by SEMKO
: 5 000Vrms )
g Taping reel type (P type ) of S21ME series is also available. (S21ME3P/S21ME4P/S21ME3FP/S21ME4FP)
S21ME3 /S21ME4
The S21ME3 and S21ME4 are marked
g Zero-cross circuit (S21ME4 )
θ : 0 to 13 ˚
2.54± 0.25
1.2± 0.3
9.22±0.5
7.62 ±0.3
0.26±0.1
0.5±0.1
S21ME3F /S21ME4F
The S21ME3F and S21ME4F are marked
g Zero-cross circuit (S21ME4F )
2.54± 0.25
1.2±0.3
9.22±0.5
0.5± 0.1
0.26±0.1
10.16± 0.5
7.62± 0.3


同様の部品番号 - S21ME

メーカー部品番号データシート部品情報
logo
Sharp Corporation
S21ME5 SHARP-S21ME5 Datasheet
56Kb / 4P
Phototriac Coupler Conformable to European Safety Standard
S21ME5 SHARP-S21ME5 Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
S21ME5F SHARP-S21ME5F Datasheet
56Kb / 4P
Phototriac Coupler Conformable to European Safety Standard
S21ME5F SHARP-S21ME5F Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
S21ME5PY SHARP-S21ME5PY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
More results

同様の説明 - S21ME

メーカー部品番号データシート部品情報
logo
Sharp Corporation
PC110L SHARP-PC110L Datasheet
98Kb / 6P
Long Creepage Distance Type Photocoupler
PC123 SHARP-PC123 Datasheet
79Kb / 4P
European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC12310NSZ SHARP-PC12310NSZ Datasheet
61Kb / 5P
Low Input Current Type Long Creepage Distance Photocoupler
PC512 SHARP-PC512 Datasheet
57Kb / 4P
European Safety Standard Approved Long Creepage Distance Type Photocoupler
S11ME5 SHARP-S11ME5 Datasheet
56Kb / 4P
Phototriac Coupler Conformable to European Safety Standard
S12ME1 SHARP-S12ME1 Datasheet
66Kb / 5P
European Safety Standard Approved, Long Creepage Distance Type Photothyristor Coupler
PC121 SHARP-PC121 Datasheet
387Kb / 6P
LONG CREEPAGE DISTANCE TYPE PHOTOCOUPLER
PC511 SHARP-PC511 Datasheet
257Kb / 4P
Long Creepage Dlstance Type Photocoupler
S21ME5PY SHARP-S21ME5PY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
S21ME6IY SHARP-S21ME6IY Datasheet
80Kb / 5P
Phototriac Coupler Conformable to European Safety Standard
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com