データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3514 データシート(PDF) 1 Page - Sharp Corporation

部品番号 SM3514
部品情報  4-Bit Single-Chip Microcomputer(For Data Bank Use)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SHARP [Sharp Corporation]
ホームページ  http://sharp-world.com/
Logo SHARP - Sharp Corporation

SM3514 データシート(HTML) 1 Page - Sharp Corporation

  SM3514 Datasheet HTML 1Page - Sharp Corporation SM3514 Datasheet HTML 2Page - Sharp Corporation SM3514 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
- 1 -
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books,
etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
DESCRIPTION
The SM3514 is a CMOS 4-bit single-chip micro-
computer for databank incorporating data memory
RAM, LCD driver, key input circuits and buzzer out-
put circuit. By connecting an external crystal, a 1 Hz
timer interrupt is made possible for easier clock
function.
FEATURES
• ROM capacity :
Program ROM
8 k x 23 bits
Character ROM
5 x 8 x 128 bits
• RAM capacity :
Working RAM
256 x 4 bits
Display RAM
60 x 8 bits
Data RAM
512 x 8 bits
• LCD display : 60 - segment x 8 - common
• I/O ports :
Buzzer output
1 bit (4 kHz)
Key input
7 bits
• Standby release : 2 events (2 Hz signal, key input)
• Built-in oscillator :
• Instruction cycle time : 10 µs
• Operating temperature : –10 to +60°C
• Supply voltage : 2.5 to 3.4 V
• Package : 100-pin QFP (QFP100-P-1420)
SM3514
SM3514
4-Bit Single-Chip Microcomputer
(For Data Bank Use)
System clock (built-in CR oscillator) 300 kHz
Timer (built-in CR oscillator)
32.8 kHz
(external crystal)
32.768 kHz


同様の部品番号 - SM3514

メーカー部品番号データシート部品情報
logo
Infinite Electronics In...
SM3514 FAIRVIEW-SM3514 Datasheet
481Kb / 3P
SM3514 DATA SHEET N Female to BNC Male Adapter
REV 2.1
More results

同様の説明 - SM3514

メーカー部品番号データシート部品情報
logo
Sharp Corporation
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3504 SHARP-SM3504 Datasheet
37Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3507 SHARP-SM3507 Datasheet
84Kb / 4P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3508 SHARP-SM3508 Datasheet
34Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3509 SHARP-SM3509 Datasheet
48Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3517 SHARP-SM3517 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3518 SHARP-SM3518 Datasheet
34Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com