| データシートサーチシステム |
|
STM32F407IG データシート(PDF) 148 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IG データシート(HTML) 148 Page - STMicroelectronics |
|
148 / 154 page ![]() Application block diagrams STM32F405xx, STM32F407xx 148/154 Doc ID 022152 Rev 1 Figure 78. OTG FS connection dual-role with internal PHY 1. External voltage regulator only needed when building a VBUS powered device. 2. STMPS2141STR/STULPI01B needed only if the application has to support a VBUS powered device. A basic power switch can be used if 5 V are available on the application board. 3. The same application can be developped using the OTG HS in FS mode to achieve enhanced performance thanks to the large Rx/Tx FIFO and to a dedicated DMA controller. A.4 USB OTG high speed (HS) interface solutions Figure 79. USB OTG HS peripheral-only connection in FS mode 1. External voltage regulator only needed when building a VBUS powered device. |