データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L3G4200D データシート(PDF) 30 Page - STMicroelectronics

部品番号 L3G4200D
部品情報  MEMS motion sensor: ultra-stable three-axis digital output gyroscope
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L3G4200D データシート(HTML) 30 Page - STMicroelectronics

Back Button L3G4200D Datasheet HTML 26Page - STMicroelectronics L3G4200D Datasheet HTML 27Page - STMicroelectronics L3G4200D Datasheet HTML 28Page - STMicroelectronics L3G4200D Datasheet HTML 29Page - STMicroelectronics L3G4200D Datasheet HTML 30Page - STMicroelectronics L3G4200D Datasheet HTML 31Page - STMicroelectronics L3G4200D Datasheet HTML 32Page - STMicroelectronics L3G4200D Datasheet HTML 33Page - STMicroelectronics L3G4200D Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Register description
L3G4200D
30/42
Doc ID 17116 Rev 3
Combination of PD, Zen, Yen, Xen are used to set device in different modes (power down /
normal / sleep mode) according with the following table.
7.3
CTRL_REG2 (21h)
01
00
200
12.5
01
01
200
25
01
10
200
50
01
11
200
70
10
00
400
20
10
01
400
25
10
10
400
50
10
11
400
110
11
00
800
30
11
01
800
35
11
10
800
50
11
11
800
110
Table 23.
Power mode selection configuration
Mode
PD
Zen
Yen
Xen
Power down
0
-
-
-
Sleep
1
0
0
0
Normal
1
-
-
-
Table 22.
DR and BW configuration setting (continued)
DR <1:0>
BW <1:0>
ODR [Hz]
Cut-Off
Table 24.
CTRL_REG2 register
0(1)
1.
Value loaded at boot. This value must not be changed
0(1)
HPM1
HPM1
HPCF3
HPCF2
HPCF1
HPCF0
Table 25.
CTRL_REG2 description
HPM1-
HPM0
High Pass filter Mode Selection. Default value: 00
Refer to
Table 26
HPCF3-
HPCF0
High Pass filter Cut Off frequency selection
Refer to
Table 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com