データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2575T データシート(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

部品番号 LM2575T
部品情報  1A, 52kHz, Step-Down Switching Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HTC [HTC Korea TAEJIN Technology Co.]
ホームページ  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2575T データシート(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM2575T Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2575T Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2575T Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2575T Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM2575T Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM2575T Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM2575T Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM2575T Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM2575T Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1A, 52kHz, Step-Down Switching Regulator
LM2575
ABSOLUTE MAXIMUM RATINGS
(Absolute Maximum Ratings indicate limits beyond which damage to the device may occur)
Maximum Junction Temperature
TJ
150
℃
Lead Temperature (Soldering,10seconds)
-
260
℃
Minimum ESD Rating(Human Body Model :
-
2.0
kV
C=100 pF, R=1.5㏀)
Storage Temperature Range
Tstg
-60 to +150
℃
Thermal Resistance, Juntion to Case
PθJC
5.0
℃/W
Internally Limited
W
Thermal Resistance, Juntion to Ambient
PθJA
70
℃/W
TO-220 5Lead
PD
Thermal Resistance, Juntion to Ambient
PθJA
Thermal Resistance, Juntion to Case
PθJC
TO-263 5Lead
PD
Power Dissipation
Internally Limited
W
65
℃/W
5.0
℃/W
45
-
- 1.0
V
Rating
Symbol
Value
Unit
HTC
−
2 −
V
On/Off Pin Input Voltage
-
-0.3V ≤ V ≤ +Vin
V
Output Voltage to Ground (Steady-State)
Maximum Supply Voltage
Vin
Typical Application (Fixed Output Voltage Versions)
Figure 1. Block Diagram and Typical Application
LM2575
1A Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com