| データシートサーチシステム |
|
ICS951702 データシート(PDF) 5 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS951702 データシート(HTML) 5 Page - Integrated Device Technology |
|
5 / 12 page ![]() 5 ICS951702 Advance Information 0664—07/29/02 Byte 1: Active/Inactive Register (1= enable, 0 = disable) T I B# N I PD W PN O I T P I R C S E D 7 t i B- X # 3 S F 6 t i B0 11 1 P G A 5 t i B9 1 0 P G A 4 t i B8 21 z H M 8 4 3 t i B2 1 C I P A O I 2 t i B5 51 F _ K L C U P C 1 t i B4 51 0 K L C U P C 0 t i B3 51 1 K L C U P C Byte 2: Active/Inactive Register (1= enable, 0 = disable) Notes: 1. Inactive means outputs are held LOW and are disabled from switching. 2. Latched Frequency Selects (FS#) will be inverted logic load of the input frequency select pin conditions. Byte 4: Active/Inactive Register (1= enable, 0 = disable) Byte 5: Active/Inactive Register (1= enable, 0 = disable) Byte 3: Active/Inactive Register (1= enable, 0 = disable) Byte 6: Active/Inactive Register (1= enable, 0 = disable) Note: Don’t write into this register, writing into this register can cause malfunction T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B- 1 d e v r e s e R 5 t i B- 1 d e v r e s e R 4 t i B- 1 d e v r e s e R 3 t i B- 1 d e v r e s e R 2 t i B- 1 d e v r e s e R 1 t i B- 1 d e v r e s e R 0 t i B- 1 d e v r e s e R T I B# N I PD W PN O I T P I R C S E D 7 t i B- 0 d e v r e s e R 6 t i B- 0 d e v r e s e R 5 t i B- 0 d e v r e s e R 4 t i B- 0 d e v r e s e R 3 t i B- 0 d e v r e s e R 2 t i B- 1 d e v r e s e R 1 t i B- 1 d e v r e s e R 0 t i B- 1 d e v r e s e R T I B# N I PD W PN O I T P I R C S E D 7 t i B3 11 0 K L C I C P 6 t i B4 11 1 K L C I C P 5 t i B5 11 2 K L C I C P 4 t i B8 11 3 K L C I C P 3 t i B9 11 4 K L C I C P 2 t i B0 5 , 1 51 0 C M A R D S , 0 T M A R D S 1 t i B6 4 , 7 41 1 C M A R D S , 1 T M A R D S 0 t i B4 4 , 5 41 2 C M A R D S , 2 T M A R D S T I B# N I PD W PN O I T P I R C S E D 7 t i B- X # 0 S F 6 t i B- X # 1 S F 5 t i B- X # 2 S F 4 t i B2 11 F _ K L C I C P 3 t i B- 1 d e v r e s e R 2 t i B8 3 , 9 31 3 C M A R D S , 3 T M A R D S 1 t i B4 3 , 5 31 4 C M A R D S , 4 T M A R D S 0 t i B2 3 , 3 31 5 C M A R D S , 5 T M A R D S T I B# N I PD W PN O I T P I R C S E D 7 t i B- 1 d e v r e s e R 6 t i B0 21 5 K L C I C P 5 t i B3 21 6 K L C I C P 4 t i B3 21 X 2 = 0 , X 1 = 1 ; 6 K L C I C P 3 t i B- 1 d e v r e s e R 2 t i B- 1 d e v r e s e R 1 t i B- 1 d e v r e s e R 0 t i B , 3 3 2 3 16 C M A R D S , 6 T M A R D S |