| データシートサーチシステム |
|
ICS952003 データシート(PDF) 6 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS952003 データシート(HTML) 6 Page - Integrated Device Technology |
|
6 / 18 page ![]() 6 Third party brands and names are the property of their respective owners. Integrated Circuit Systems, Inc. ICS952003 Preliminary Product Review Byte 5: Control Register (1 = enable, 0 = disable) Byte 7: Output Control Register (1 = enable, 0 = disable) Byte 6: Output Control Register (1 = enable, 0 = disable) t i B# n i PD W Pn o i t p i r c s e D 7 t i B5 11 1 F _ K L C I C P 6 t i B4 11 0 F _ K L C I C P 5 t i B3 21 5 K L C I C P 4 t i B2 21 4 K L C I C P 3 t i B1 21 3 K L C I C P 2 t i B0 21 2 K L C I C P 1 t i B7 11 1 K L C I C P 0 t i B6 11 0 K L C I C P t i B# n i PD W Pn o i t p i r c s e D 7 t i B0 31 1 K L C P G A 6 t i B1 31 1 K L C P G A 5 t i B6 20 z H M 8 4 _ 4 2 L E S ) z H M 8 4 = 1 , z H M 4 2 = 0 ( 4 t i B5 1X k c a B d a e R 4 S F 3 t i B4 1X k c a B d a e R 3 S F 2 t i B4 X k c a B d a e R 2 S F 1 t i B3 X k c a B d a e R 1 S F 0 t i B2 X k c a B d a e R 0 S F Byte 8: Byte Count Read Back Register t i Be m a ND W Pn o i t p i r c s e D 7 t i B7 e t y B0 e r u g i f n o c ll i w r e t s i g e r s i h t o t g n i t i r W : e t o N e b ll i w s e t y b y n a m w o h d n a t n u o c e t y b F 0 s i t l u a f e d , k c a b d a e r H . s e t y b 5 1 = 6 t i B6 e t y B0 5 t i B5 e t y B0 4 t i B4 e t y B0 3 t i B3 e t y B1 2 t i B2 e t y B1 1 t i B1 e t y B1 0 t i B0 e t y B1 t i B# n i PD W Pn o i t p i r c s e D 7 t i B0 11 1 K L C Z 6 t i B9 1 0 K L C Z 5 t i B4 10 l o r t n o c p o t s 0 F _ K L C I C P p o t S = 1 ; g n i n n u R e e r F = 0 4 t i B5 10 l o r t n o c p o t s 1 F _ K L C I C P p o t S = 1 ; g n i n n u R e e r F = 0 3 t i B9 3 , 0 41 l o r t n o c p o t s 0 C / T K L C U P C p o t S = 1 ; g n i n n u R e e r F = 0 2 t i B3 4 , 4 41 l o r t n o c p o t s 1 C / T K L C U P C p o t S = 1 ; g n i n n u R e e r F = 0 1 t i B0 4 , 9 31 l o r t n o c t u p t u o 0 C / T K L C U P C 0 t i B4 4 , 3 41 l o r t n o c t u p t u o 1 C / T K L C U P C |