| データシートサーチシステム |
|
IVS データシート(PDF) 7 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
IVS データシート(HTML) 7 Page - Emerson Network Power |
|
7 / 12 page ![]() Rev. 01.10.11_41 iVS Series 7 of 12 Embedded Power for Business-Critical Continuity DC-DCConverterOutputModules ControlSignalInformation,J1ControlConnector PinNo. Function 1 +RemoteSense singleordualo/pmain 2 RemoteMargin/V.Program singleo/p 3 MarginHigh singleo/p 4 -RemoteSense/MarginLow singleordualo/pmain 5 Spare 6 Module,IsolatedInhibit singleordualo/p 7 ModuleInhibitreturn singleordualo/p 8 CurrentShare(SWP) singleordualo/pmain 9 +RemoteSenseV2 dualo/p,singleisspare 10 -RemoteSenseV2 dualo/p,singleisspare *Note:AlliMPmoduleshaveagreenDCOKLED. (exceptfor36Wmodule) .63” (16.0) .32” (8.1) .33” (8.5) V ADJ V- V+ M 4 X 8 SCREWS WITH CONICAL WASHER DC OUTPUT CONNECTOR PIN 1 .32" (8.1) .44” (11.2) 2X V+ M4X8 SCREWS WITH CONICAL WASHER DC OUTPUT CONNECTOR PIN 1 V- V ADJ PIN 1 V2 ADJ .32 (8.1) .42 (10.7) V1 + V1 - V2 + M3X8 SCREWS WITH SPRING WASHER (4X) .46 (11.7) (4X) .30 (7.5)(3X) V1 ADJ 1.17 (29.7) V2 - Single210Watt Dual144Watt Single360Watt Single750Watt i MP Modules Triple36Watt V1 ADJ V2 ADJ V3 ADJ V1+ V3+ V1- V2+ V2- V3- .32" (8.1) .59" (15.0) .63" (16.0) V+ V- M4X8 SCREWS (4X) V ADJ PIN 1 DC OUTPUT CONNECTOR Figure 1. AC Input 1 2 3 ~ N 6 1 10 5 Figure 2. Connector J1 Mateswith Molex90142-0010Housing 90119-2110Pin Figure 4. Connector J1 V1 + V1 - V2 - V3 - V3 + V2 + Mateswith Molex09-91-0600Housing 26-60-5060Pin Single1500Watt V- V+ 59.3 ± 0.2 (2x) 15.0 ±0.8 (2x) 16.0 ±0.2 (2x) 16.0 ±0.2 (3x) 31.6 ±0.8 11.3 ±0.8 8.1 ±0.8 DC OUTPUT CONNECTOR PIN 1 M4X8 SCREWS W/ CONICAL WASHER (6X) For Factory-Use Only VADJ 313 process yellow 3405 1797 1375 116 2607 652 242 2985 375 240 |