| データシートサーチシステム |
|
TUSB8040PFP データシート(PDF) 13 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB8040PFP データシート(HTML) 13 Page - Texas Instruments |
|
13 / 33 page ![]() TUSB8040 www.ti.com SLLSE42F – SEPTEMBER 2010 – REVISED OCTOBER 2011 Table 2-3. USB Downstream Signals (continued) PIN NO. SIGNAL NAME TYPE DESCRIPTION PFP RKM USB Port 0 Green LED Indictor & Port Used Configuration Bit 1 = Port Used LEDG0z_USED0 I/O, PU A25 0 = Port is NOT Used Port used option can be set via I2C EEPROM or SMBUS host on the TUSB8040PFP USB Port 1 Green LED Indictor & Port Used Configuration Bit 1 = Port Used LEDG1z_USED1 I/O, PU A27 0 = Port is NOT Used Port used option can be set via I2C EEPROM or SMBUS host on the TUSB8040PFP USB Port 2 Green LED Indictor & Port Used Configuration Bit 1 = Port Used LEDG2z_USED2 I/O, PU A28 0 = Port is NOT Used Port used option can be set via I2C EEPROM or SMBUS host on the TUSB8040PFP USB Port 3 Green LED Indictor & Port Used Configuration Bit 1 = Port Used LEDG3z_USED3 I/O, PU A30 0 = Port is NOT Used Port used option can be set via I2C EEPROM or SMBUS host on the TUSB8040PFP Copyright © 2010–2011, Texas Instruments Incorporated PIN DESCRIPTIONS 13 Submit Documentation Feedback Product Folder Link(s): TUSB8040 |