データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

130NTT データシート(PDF) 1 Page - Naina Semiconductor ltd.

部品番号 130NTT
部品情報  Thyristor - Thyristor Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NAINA [Naina Semiconductor ltd.]
ホームページ  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

130NTT データシート(HTML) 1 Page - Naina Semiconductor ltd.

  130NTT Datasheet HTML 1Page - Naina Semiconductor ltd. 130NTT Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Naina Semiconductor
1
D-95, Sector 63, Noida
sales@nainasemi.com
Thyristor
Features
Improved glass passivation for high reliability
Exceptional stability at high temperatures
High di/dt and dv/dt capabilities
Low thermal resistance
Thermal & Mechanical Specifications (T
Parameter
Operating junction temperature range
Thermal resistance, junction to case
Electrical Characteristics (TA = 25
0C unless otherwise
Parameter
Maximum average on-state current
Maximum repetitive peak reverse voltage range
Forward voltage drop
Gate current required to trigger
Gate voltage required to trigger
Holding current range
Maximum latching current
Critical rate of rise of off-state voltage
RMS isolated voltage
Maximum Ratings (TA = 25
0C unless otherwise noted)
Parameter
Maximum average forward current @ TJ =
85
0C
Maximum average RMS forward current
Maximum non-repetitive surge current @ t
= 10ms
Maximum I
2t for fusing @ t = 10ms
emiconductor Ltd.
13
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
Thyristor – Thyristor Module
Improved glass passivation for high reliability
(TA = 25
0C unless otherwise noted)
Symbol
TJ
-65 to +1
Rth(JC)
C unless otherwise noted)
Symbol
IT(max)
Maximum repetitive peak reverse voltage range
VRRM
200 to 1600
VFM
IGT
VGT
IH
IL
dv/dt
VISO
C unless otherwise noted)
Symbol
Values
Units
IF(AV)
130
A
IF(RMS)
300
A
IFSM
3300
A
I
2t
51
kA
2s
130NTT
4205450
Fax: 0120-4273653
M2
Values
Units
65 to +125
0C
0.18
0C/W
Values
Units
130
A
200 to 1600
V
1.55
V
150
mA
2.5
V
200
mA
300
mA
1000
V/µs
3500
V


同様の部品番号 - 130NTT

メーカー部品番号データシート部品情報
logo
Naina Semiconductor ltd...
130NT3 NAINA-130NT3 Datasheet
113Kb / 2P
Non-isolated Thyristor Module
130NTD NAINA-130NTD Datasheet
126Kb / 2P
Thyristor - Diode Module
More results

同様の説明 - 130NTT

メーカー部品番号データシート部品情報
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
70NTT NAINA-70NTT Datasheet
125Kb / 2P
Thyristor - Thyristor Module
160NTT NAINA-160NTT Datasheet
117Kb / 2P
Thyristor - Thyristor Module
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com