データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MSL2160 データシート(PDF) 3 Page - ATMEL Corporation

部品番号 MSL2160
部品情報  16-string, White and RGB LED Drivers with Adaptive Configuration, EEPROM, and SPI/I2C/SMBus Serial Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ATMEL [ATMEL Corporation]
ホームページ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MSL2160 データシート(HTML) 3 Page - ATMEL Corporation

  MSL2160 Datasheet HTML 1Page - ATMEL Corporation MSL2160 Datasheet HTML 2Page - ATMEL Corporation MSL2160 Datasheet HTML 3Page - ATMEL Corporation MSL2160 Datasheet HTML 4Page - ATMEL Corporation MSL2160 Datasheet HTML 5Page - ATMEL Corporation MSL2160 Datasheet HTML 6Page - ATMEL Corporation MSL2160 Datasheet HTML 7Page - ATMEL Corporation MSL2160 Datasheet HTML 8Page - ATMEL Corporation MSL2160 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
Atmel LED Drivers-MSL2160/MSL2161
Key Features
12-bit PWM String Dimming
Fast Serial Interfaces Support up to 8 Devices
per Bus:
- MSL2161 - 1MHz I2C
- MSL2160 - 20MHz SPI
8-bit Adaptive Power Correction Maximizes
Efficiency of up to Three String Power Supplies
External MOSFETs for High Voltage and/or Current
Drives up to 16 Parallel LED Strings per Device
Supports Adaptive, Real-time Area Dimming for
Highest Dynamic Range in LCD TVs and Monitors
Programmable String Phase Reduces Motion
Blur and Improves Efficiency
Global Intensity Control via Serial Interface
±1.5% Current Accuracy and Current Balance
Flexible Video Frame (VSYNC) and Line (HSYNC)
Sync Include Frequency Multipliers and Dividers
Second Set of PWM Registers Select Alternate
Brightness and Timing with Single Control
EEPROM Saves Power-on Default Settings
LED Open Circuit and Short Circuit Fault Detection
Individual Fault Detection Enable for Each String
Over-temperature Shut-off Protection
Broadcast Write Simplifies Configuration
-40°C To +105°C Operating Temperature Range
Application Circuit
Atmel LED Drivers-MSL2160/MSL2161
16-string, White and RGB LED Drivers with Adaptive Configuration,
EEPROM, and SPI/I2C/SMBus Serial Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com