| データシートサーチシステム |
|
808012322 データシート(PDF) 13 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
808012322 データシート(HTML) 13 Page - Magnetrol International, Inc. |
|
13 / 28 page ![]() 50-605 Kotron RF Point Model 80/81 Level Switches 10 2.7.2.2 Relay Wiring Refer to Section 2.7.3, Relay Wiring Chart for different relay wiring options. Refer to Section 3.4, Terminal Connections on page 21 for terminal locations. 2.7.2.3 Power Wiring 1. Make sure power source is turned off. 2. Pull power supply wires through conduit connection. Refer to Figure 8 on page 6. 3. Connect AC power to AC(+), AC(–) and GND terminals. Connect DC power to DC(+) and GND terminals. Refer to Section 3.4, Terminal Connections on page 21. 4. Dress the wires together neatly and securely with cable ties. Be certain that adequate clearance exists for replacement of housing cover. Caution: Observe all applicable electrical codes and proper wiring procedures. 5. Replace housing cover. 6. Power up unit and proceed with calibration of instrument as described in instructions following. NOTE: Be certain to route all power and control wires through con- duit outlet only and run probe wire up through center hole in amplifier housing base. Supply voltage and signal wires should not be run in the same conduit. 2.7.3 Relay Wiring Chart Kotron Power Material Level Fail-safe Position Relay Coil Relay Terminal COM to NC COM to NO On High HL De-energized Closed Open LL Energized Open Closed Low HL Energized Open Closed LL De-energized Closed Open OFF (Fail) High HL De-energized Closed Open LL De-energized Closed Open Low HL De-energized Closed Open LL De-energized Closed Open |