| データシートサーチシステム |
|
822-1002-C01 データシート(PDF) 25 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
822-1002-C01 データシート(HTML) 25 Page - Magnetrol International, Inc. |
|
25 / 40 page ![]() 50-621 Kotron Sentinel Models 822, 832 and 842 RF Point Level Switches 22 15. Use the UP or DOWN arrow key to raise or lower the value. Time delay is adjustable between 0 and 90 seconds. 16. When the desired value is displayed, press ENT to lock in the value and to display LLFS (low level fail-safe). 17. If LLFS is the required condition, press ENT to display RLY1. 18 If high level fail-safe is desired, use the UP or DOWN arrow key to toggle to HLFS. When the desired condi- tion is displayed, press ENT to display RLY1. Refer to Section 1.7.3, Relay Wiring Chart for fail-safe information. 19. Press DOWN arrow key to proceed to RLY2. NOTE: If relay is used as an alarm, and differential is set to zero (i.e., LVLO = 14 and LVHI = 14), a small amount of time delay is recommended (usually one second). NOTE: Relays 2, 3, and 4 are configured in the same manner as Relay 1, except that the fault condition is not an option. 2.4.4 Program Path 5 — Service From the RUN display, press the ENT and DOWN arrow keys simultaneously. The Service program path is designed to aid the customer in troubleshooting the Sentinel; it should be accessed only with the assistance from Magnetrol factory personnel. Only the TEST mode section may be utilized without factory assistance. STEP 1: SRVC (Service) From the RUN Mode, press the ENT and DOWN arrow keys simultaneously. ( ) The display will read SRVC. STEP 2: VERS (Version) Press ENT to display VERS (version). Press ENT again to display the current software revision number. Press ENT to display SRVC once again. Press ENT to display VERS. Use the DOWN arrow key to display HEX (hexadecimal). ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT RUN SERV TRIP XXXX XXXX XXXX HEX AVG HOLD VERS TEST Multiple Mode Only XXXX ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT ENT |