| データシートサーチシステム |
|
H13-2C50-JLE データシート(PDF) 21 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
H13-2C50-JLE データシート(HTML) 21 Page - Magnetrol International, Inc. |
|
21 / 28 page ![]() 46-635 External Cage Displacer Actuated Liquid Level Switches 21 300# C74 600# C74 Housing cover See below Housing base See below Switch mechanism See below E-tube kit: includes items 7 & 8 089-5933-002 089-5956-001 E-tube gasket 012-1204-001 012-1204-001 Flange gasket 012-1204-019 012-1204-019 Displacer assembly 089-6137-001 089-6138-001 Inconel® spring/stem kit: includes items 4, 5, 6, 8, 10, 14 & 15 089-5321-001 089-5322-001 316 SS spring/stem kit: includes items 4, 5, 6, 8, 10, 14 & 15 089-5323-001 089-5324-001 Series Type Bulletin# Dry contact B, C, D 42-683 Hermetically sealed F, 8 42-799 Hermetically sealed HS 42-694 Bleed type pneumatic J 42-685 Non-bleed type pneumatic K 42-486 Flanged cage H15 H32 H52 Housing cover See below Housing base See below Switch mechanism See below Attraction sleeve kit (standard sleeve): includes items 4, 5, 6 & 8 089-3403-001 089-3403-001 089-3403-002 Attraction sleeve kit (sheathed sleeve): includes items 4, 5, 6 & 8 089-3403-003 089-3403-003 n/a E-tube kit: includes items 7 & 8 089-5956-001 089-5956-001 089-5956-002 E-tube gasket: 012-1204-001 012-1204-001 012-1204-001 Head flange kit: includes items 8, 9, 10, 11 & 12 089-4240-001 089-4240-002 089-4240-003 Flange gasket 012-1204-003 012-1204-004 012-1204-005 Displacer kit*: includes items 10 & 13 089-6135-001 089-6135-004 089-6135-005 Inconel spring/stem kit*: includes items 4, 5, 6, 8, 10, 14 & 15 089-5338-001 Consult Factory Consult Factory 316 SS spring/stem kit*: includes items 4, 5, 6, 8, 10, 14 & 15 089-5338-004 n/a n/a 4.4.1.1 Model C74 4.4.1.2 Models H15, H32 & H52 4.4.1.3 Switch and housing reference * Removal of displacer from stem can result in damage to one or both parts. It is recommended that both the displacer and the spring and stem kits be purchased if one or the other require replacement. |