| データシートサーチシステム |
|
SWP3N80 データシート(PDF) 3 Page - Xian Semipower Electronic Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
SWP3N80 データシート(HTML) 3 Page - Xian Semipower Electronic Technology Co., Ltd. |
|
3 / 7 page ![]() Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved. Fig. 1. On-state characteristics Fig. 2. Transfer characteristics Fig. 3. On-resistance variation vs. drain current and gate voltage Fig. 5. Capacitance characteristics (Non-Repetitive) Fig. 6. Gate charge characteristics Fig. 4. On state current vs. diode forward voltage 10 -1 10 0 10 1 10 -2 10 -1 10 0 10 1 ،ط Notes : 1. 250¥ىs Pulse Test 2. T C = 25،ة V GS Top : 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V Bottom : 5.5 V V DS , Drain-Source Voltage [V] 2 3 4 5 6 7 8 9 10 10 -1 10 0 10 1 150 oC 25 oC -55 oC ،ط Notes : 1. V DS = 50V 2. 250¥ىs Pulse Test V GS , Gate-Source Voltage [V] 0 1 2 3 4 5 6 0 2 4 6 8 10 12 V GS = 20V V GS = 10V ،ط Note : T J = 25،ة I D , Drain Current [A] 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 10 -1 10 0 10 1 150،ة ،ط Notes : 1. V GS = 0V 2. 250¥ىs Pulse Test 25،ة V SD , Source-Drain voltage [V] 0 4 8 12 16 20 24 28 0 2 4 6 8 10 12 V DS = 240V V DS = 400V V DS = 640V ،ط Note : I D = 3.0 A Q G , Total Gate Charge [nC] 0 5 10 15 20 25 30 35 0 250 500 750 C iss =C gs +C gd (C ds =shorted) C oss =C ds +C gd C rss =C gd ،ط Notes : 1. V GS = 0V 2. f=1MHz C iss C oss C rss V DS , Drain-Source Voltage [V] SW3N80 SAMWIN 3/7 |