| データシートサーチシステム |
|
83CNQ080ASLPBF データシート(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
83CNQ080ASLPBF データシート(HTML) 4 Page - Vishay Siliconix |
|
4 / 9 page ![]() www.vishay.com For technical questions, contact: diodes-tech@vishay.com Document Number: 94259 4 Revision: 16-Apr-10 VS-83CNQ...A PbF Series Vishay High Power Products Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A Fig. 5 - Maximum Allowable Case Temperature vs. Average Forward Current (Per Leg) Fig. 6 - Forward Power Loss Characteristics (Per Leg) Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg) Fig. 8 - Unclamped Inductive Test Circuit 140 150 160 170 180 IF(AV) - Average Forward Current (A) 30 20 10 40 50 60 0 DC R thJC (DC) = 0.85 °C/W 0 5 15 30 35 25 20 10 40 IF(AV) - Average Forward Current (A) 20 10 30 40 60 50 0 DC RMS limit D = 0.08 D = 0.17 D = 0.25 D = 0.33 D = 0.50 100 10 000 1000 tp - Square Wave Pulse Duration (µs) 100 1000 10 000 10 At any rated load condition and with rated V RRM applied following surge Current monitor High-speed switch D.U.T. R g = 25 Ω + Freewheel diode V d = 25 V L IRFP460 40HFL40S02 |