| データシートサーチシステム |
|
RPA データシート(PDF) 6 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
RPA データシート(HTML) 6 Page - Magnetrol International, Inc. |
|
6 / 12 page ![]() In The Magnetrol Product Calibration Lab, Thermatel products are calibrated and tested to meet customer specifications. Calibrations traceable to NIST. 6 General Description: The Magnetrol TA2 Thermal Dispersion Mass Flow Transmitter provides direct mass flow measurement of air and gases. The powerful micro- processor-based electronics provide an instrument that is easy to configure to the application, yet provides flexibility and ease of use. Advanced temperature compensation provides high performance over the entire operating range of the instrument. Installed cost of this instrument is very competitive with other gas mass flow measurement technologies. Technology Features: Direct mass flow measurement in SCFM, SCFH, MMSCFD, Nm3/h, lb/hr, kg/hr Excellent low flow sensitivity High turndown ratios Ease of installation Low pressure drop Applications: Typical applications include combustion air-flow measurement, compressed air, natural gas flow, flare lines, digester/bio gas, and other process gas flow measurement. Model TA2 Mass Flow Transmitter Model TA2 Mass Flow Transmitter Model TA2 with Flow Body THERMATEL TA2 Thermal Mass Flow Transmitter Mass Flow Measurement of Air and Gas |