| データシートサーチシステム |
|
WM72016 データシート(PDF) 28 Page - Ramtron International Corporation |
|
|
|||||||||||||||||||||||||||||
WM72016 データシート(HTML) 28 Page - Ramtron International Corporation |
|
28 / 32 page ![]() WM72016 – Secure F-RAM with Gen-2 RFID and Serial Port Rev. 1.4 May 2011 Page 28 of 32 CIRCUIT EXAMPLE The WM72016 may be implemented in a manner similar to that shown below. CLK D1 D0 CS Vddr ANT+ ANT- VDDR_EXT µP GND I/O I/O I/O I/O Bus termination may be required Vddraw Matching network NOTES: 1. RF performance of WM72016 is heavily dependent on matching impedance on the antenna port ANT+/-. 2. External voltage VDDR_EXT may be applied to Vddraw to externally power the WM72016. VDDR_EXT must comply with specifications given in the DC Characteristics of this datasheet. 3. In some cases, additional bus termination may be required on the WM72016 end of the DSPI serial bus. This is dependent on a number of factors, including bus length, bus impedance, connectors, processor drive voltage, I/O port drive strength, and I/O slew rate. Excessive ringing on the bus may generate voltages beyond specifications causing unpredictable performance characteristics. |