| データシートサーチシステム |
|
LCS700-708 データシート(PDF) 8 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
LCS700-708 データシート(HTML) 8 Page - Power Integrations, Inc. |
|
8 / 26 page ![]() Rev. B 062011 8 LCS700-708 www.powerint.com Figure 8. Placement of VCCH Capacitor. Figure 7. Preferred Routing of Optocoupler and Traces to FEEDBACK Pin. Small Signal Bypass Capacitors Please refer to Figure 5 Note the location of the small signal bypass capacitors (highlighted) for the FEEDBACK, DT/BF, IS, VREF, OV/UV and VCC pins, which allow short traces to their pin connections and to the GROUND pin. Note that there is no connection between the GROUND pin and the SOURCE pin or the B- bus on the printed circuit board. VCCH Bypass Capacitor Please refer to Figure 8. Note the location of the VCCH capacitor (highlighted) which allows short connections to the HB pin and the VCCH pin. Drain to Source High-Voltage Bypass Capacitor Please refer to Figure 9. Note the location of the B+ to B- high- voltage bypass capacitors (highlighted) placed at the IC, minimizing the PCB trace length to the D and S pins. |