| データシートサーチシステム |
|
HT46R006 データシート(PDF) 71 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R006 データシート(HTML) 71 Page - Holtek Semiconductor Inc |
|
71 / 72 page ![]() Package Information Note that the package information provided here is for consultation purposes only. As this information may be updated at regu- lar intervals users are reminded to consult the Holtek website (http://www.holtek.com.tw/english/literature/package.pdf) for the latest version of the package information. 10-pin MSOP Outline Dimensions Symbol Dimensions in inch Min. Nom. Max. A ¾¾ 0.043 A1 0.000 ¾ 0.006 A2 0.030 0.033 0.037 B 0.007 ¾ 0.011 C ¾¾ 0.010 D ¾ 0.018 ¾ E ¾ 0.193 ¾ E1 ¾ 0.118 ¾ e ¾ 0.020 ¾ L 0.016 0.024 0.031 L1 ¾ 0.037 ¾ q 0 °¾ 8 ° Symbol Dimensions in mm Min. Nom. Max. A ¾¾ 1.10 A1 0.00 ¾ 0.15 A2 0.75 0.85 0.95 B 0.17 ¾ 0.27 C ¾¾ 0.25 D ¾ 3.00 ¾ E ¾ 4.90 ¾ E1 ¾ 3.00 ¾ e ¾ 0.50 ¾ L 0.40 0.60 0.80 L1 ¾ 0.95 ¾ q 0 °¾ 8 ° HT48R006/HT46R006 Rev. 1.00 71 October 24, 2011 A 1 A E 1 e B A 2 R 0 . 1 0 ( 4 C O R N E R S ) L E C q D 1 5 6 1 0 L 1 |