データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SD1562 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 2SD1562
部品情報  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD1562 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD1562 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD1562 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD1562 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD1562 2SD1562A
DESCRIPTION
・
・With TO-220C package
・Complement to type 2SB1085/1085A
・High transition frequency
APPLICATIONS
・For low freuqency power amplifier
applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Tc=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
2SD1562
120
VCBO
Collector-base voltage
2SD1562A
Open emitter
160
V
2SD1562
120
VCEO
Collector-emitter voltage
2SD1562A
Open base
160
V
VEBO
Emitter-base voltage
Open collector
5
V
IC
Collector current
1.5
A
ICM
Collector current-peak
3.0
A
TC=25℃
20
PC
Collector power dissipation
Ta=25℃
1.5
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃


同様の部品番号 - 2SD1562

メーカー部品番号データシート部品情報
logo
Rohm
2SD1562 ROHM-2SD1562 Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
logo
Savantic, Inc.
2SD1562 SAVANTIC-2SD1562 Datasheet
95Kb / 3P
Silicon NPN Power Transistors
2SD1562 SAVANTIC-2SD1562 Datasheet
96Kb / 3P
Silicon NPN Power Transistors
logo
Rohm
2SD1562A ROHM-2SD1562A Datasheet
48Kb / 1P
Epitaxial Planar NPN Silicon Transistor
2SD1562A ROHM-2SD1562A Datasheet
91Kb / 1P
TAPED POWER TRANSISTOR PACKAGE FOR USE WITH AN AUTOMATIC PLACEMENT MACHINE
More results

同様の説明 - 2SD1562

メーカー部品番号データシート部品情報
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com