データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD545B データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 BD545B
部品情報  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD545B データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  BD545B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD545B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BD545/A/B/C
DESCRIPTION
·Collector Current -IC= 15A
·Collector-Emitter Breakdown Voltage-
: V(BR)CEO = 40V(Min)- BD545; 60V(Min)- BD545A
80V(Min)- BD545B; 100V(Min)- BD545C
·Complement to Type BD546/A/B/C
APPLICATIONS
·Designed for use in general purpose power amplifier and
switching applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BD545
40
BD545A
60
BD545B
80
VCBO
Collector-Base Voltage
BD545C
100
V
BD545
40
BD545A
60
BD545B
80
VCEO
Collector-Emitter
Voltage
BD545C
100
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current-Continuous
15
A
Collector Power Dissipation
@ Ta=25℃
3.5
PC
Collector Power Dissipation
@ TC=25℃
85
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.47
℃/W
Rth j-c
Thermal Resistance,Junction to Ambient
35.7
℃/W
isc Website:www.iscsemi.cn


同様の部品番号 - BD545B

メーカー部品番号データシート部品情報
logo
Power Innovations Ltd
BD545B POINN-BD545B Datasheet
88Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD545B BOURNS-BD545B Datasheet
104Kb / 5P
NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BD545B NJSEMI-BD545B Datasheet
87Kb / 2P
NPN SILICON POWER TRANSISTORS
More results

同様の説明 - BD545B

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com