| データシートサーチシステム |
|
PIC10F320 データシート(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC10F320 データシート(HTML) 33 Page - Microchip Technology |
|
33 / 210 page ![]() 2011 Microchip Technology Inc. Preliminary DS41585A-page 33 PIC10(L)F320/322 5.0 RESETS There are multiple ways to reset this device: • Power-on Reset (POR) • Brown-out Reset (BOR) • Low-Power Brown-out Reset (LPBOR) •MCLR Reset •WDT Reset • Programming mode exit To allow VDD to stabilize, an optional Power-up Timer can be enabled to extend the Reset time after a BOR or POR event. A simplified block diagram of the On-Chip Reset Circuit is shown in Figure 5-1. FIGURE 5-1: SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT Note 1: See Table 5-1 for BOR active conditions. Device Reset Power-on Reset WDT Time-out Brown-out Reset LPBOR Reset ICSP™ Programming Mode Exit MCLRE Sleep BOR Active(1) PWRTE LFINTOSC VDD PWRT R Done |