データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

S2056 データシート(PDF) 1 Page - Inchange Semiconductor Company Limited

部品番号 S2056
部品情報  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ISC [Inchange Semiconductor Company Limited]
ホームページ  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

S2056 データシート(HTML) 1 Page - Inchange Semiconductor Company Limited

  S2056 Datasheet HTML 1Page - Inchange Semiconductor Company Limited S2056 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
S2056
DESCRIPTION
·High Breakdown Voltage-
: VCBO= 1500V (Min)
·High Switching Speed
APPLICATIONS
·Designed for TV horizontal output applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage
VBE= 0
1500
V
VCER
Collector-Emitter Voltage
RBE= 100Ω
1500
V
VCEO
Collector-Emitter Voltage
700
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
2.5
A
ICM
Collector Current-peak
3
A
IB
B
Base Current
0.1
A
PC
Collector Power Dissipation
@ TC≤90℃
10
W
TJ
Junction Temperature
115
Tstg
Storage Temperature Range
-65~115
isc Website:www.iscsemi.cn


同様の部品番号 - S2056

メーカー部品番号データシート部品情報
logo
Teccor Electronics
S2050J TECCOR-S2050J Datasheet
1Mb / 12P
SCRs 1-70 AMPS NON-SENSITIVE GATE
logo
Inchange Semiconductor ...
S2055 ISC-S2055 Datasheet
40Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
S2055 SAVANTIC-S2055 Datasheet
123Kb / 3P
Silicon NPN Power Transistors
S2055 SAVANTIC-S2055 Datasheet
125Kb / 3P
Silicon NPN Power Transistors
logo
List of Unclassifed Man...
S2055A ETC-S2055A Datasheet
98Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
More results

同様の説明 - S2056

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
BD907 ISC-BD907 Datasheet
106Kb / 2P
isc Silicon NPN Power Transistor
BU2727AF ISC-BU2727AF Datasheet
98Kb / 2P
isc Silicon NPN Power Transistor
BU326 ISC-BU326 Datasheet
57Kb / 2P
isc Silicon NPN Power Transistor
BU326A ISC-BU326A Datasheet
129Kb / 2P
isc Silicon NPN Power Transistor
MJ413 ISC-MJ413 Datasheet
71Kb / 2P
isc Silicon NPN Power Transistor
BUX47A ISC-BUX47A Datasheet
76Kb / 2P
isc Silicon NPN Power Transistor
BUV48CFI ISC-BUV48CFI Datasheet
111Kb / 2P
isc Silicon NPN Power Transistor
BUV70 ISC-BUV70 Datasheet
102Kb / 2P
isc Silicon NPN Power Transistor
BU406 ISC-BU406 Datasheet
134Kb / 3P
isc Silicon NPN Power Transistor
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com