| データシートサーチシステム |
|
MBR4045CTTRLP データシート(PDF) 4 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
MBR4045CTTRLP データシート(HTML) 4 Page - Vishay Siliconix |
|
4 / 6 page ![]() www.vishay.com For technical questions, contact: diodestech@vishay.com Document Number: 94311 4 Revision: 16-Mar-10 VS-MBRB4045CTPbF, VS-MBR4045CT-1PbF Vishay High Power Products Schottky Rectifier, 2 x 20 A Fig. 5 - Maximum Allowable Case Temperature vs. Average Forward Current Fig. 6 - Forward Power Loss Characteristics Fig. 7 - Maximum Non-Repetitive Surge Current (Per Leg) Note (1) Formula used: TC = TJ - (Pd + PdREV) x RthJC; Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6); PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR 80 100 120 140 160 IF(AV) - Average Forward Current (A) 10 5 15 20 30 25 0 DC See note (1) Square wave (D = 0.50) Rated V R applied 0 2 10 16 18 14 12 6 4 8 20 IF(AV) - Average Forward Current (A) 10 515 20 35 25 30 0 DC RMS limit D = 0.75 D = 0.50 D = 0.33 D = 0.25 D = 0.20 100 1000 tp - Square Wave Pulse Duration (µs) 100 1000 10 000 10 At any rated load condition and with rated V RRM applied following surge |