データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM3725CBC データシート(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
部品番号 DM3725CBC
部品情報  Digital Media Processors
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

DM3725CBC データシート(HTML) 48 Page - Texas Instruments

Back Button DM3725CBC Datasheet HTML 44Page - Texas Instruments DM3725CBC Datasheet HTML 45Page - Texas Instruments DM3725CBC Datasheet HTML 46Page - Texas Instruments DM3725CBC Datasheet HTML 47Page - Texas Instruments DM3725CBC Datasheet HTML 48Page - Texas Instruments DM3725CBC Datasheet HTML 49Page - Texas Instruments DM3725CBC Datasheet HTML 50Page - Texas Instruments DM3725CBC Datasheet HTML 51Page - Texas Instruments DM3725CBC Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 280 page
background image
DM3730, DM3725
SPRS685D
– AUGUST 2010 – REVISED JULY 2011
www.ti.com
Table 2-2. Ball Characteristics (CBC Pkg.)(5) (continued)
BALL
BALL TOP
PIN NAME [2]
MODE [3]
TYPE [4]
BALL
BALL RESET RESET
POWER [8] HYS [9]
BUFFER
PULLUP
IO CELL
BOTTOM
[1]
RESET
REL. STATE
REL. MODE
STRENGTH /DOWN
[12]
[1]
STATE [5]
[6]
[7]
(mA) [10]
TYPE [11]
gpio_38
4
IO
safe_mode
7
-
F2
NA
gpmc_a6
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_39
4
IO
safe_mode
7
-
E1
NA
gpmc_a7
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_40
4
IO
safe_mode
7
-
E2
NA
gpmc_a8
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
gpio_41
4
IO
safe_mode
7
-
D1
NA
gpmc_a9
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
sys_ndmareq2
1
I
gpio_42
4
IO
safe_mode
7
-
D2
NA
gpmc_a10
0
O
H
H
7
vdds
Yes
8
PU/ PD
LVCMOS
sys_ndmareq3
1
I
gpio_43
4
IO
safe_mode
7
-
N1
L1
gpmc_clk
0
O
L
0
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_59
4
IO
safe_mode
7
-
AA2
U2
gpmc_d0
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
AA1
U1
gpmc_d1
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
AC2
V2
gpmc_d2
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
AC1
V1
gpmc_d3
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
AE5
AA3
gpmc_d4
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
AD6
AA4
gpmc_d5
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
AD5
Y3
gpmc_d6
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
AC5
Y4
gpmc_d7
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
V1
R1
gpmc_d8
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_44
4
IO
safe_mode
7
-
Y1
T1
gpmc_d9
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_45
4
IO
safe_mode
7
-
T1
N1
gpmc_d10
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_46
4
IO
safe_mode
7
-
U2
P2
gpmc_d11
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_47
4
IO
safe_mode
7
-
U1
P1
gpmc_d12
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_48
4
IO
safe_mode
7
-
P1
M1
gpmc_d13
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_49
4
IO
safe_mode
7
-
L2
J2
gpmc_d14
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_50
4
IO
safe_mode
7
-
M2
K2
gpmc_d15
0
IO
H
H
0
vdds
Yes
8
PU/ PD
LVCMOS
gpio_51
4
IO
safe_mode
7
-
AD10
AA9
gpmc_nadv_ale
0
O
0
0
0
vdds
NA
8
NA
LVCMOS
48
TERMINAL DESCRIPTION
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): DM3730 DM3725



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More