データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

INA826 データシート(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
部品番号 INA826
部品情報  Precision, 200-關A Supply Current, 2.7-V to 36-V Supply Instrumentation Amplifier with Rail-to-Rail Output
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

INA826 データシート(HTML) 21 Page - Texas Instruments

Back Button INA826 Datasheet HTML 17Page - Texas Instruments INA826 Datasheet HTML 18Page - Texas Instruments INA826 Datasheet HTML 19Page - Texas Instruments INA826 Datasheet HTML 20Page - Texas Instruments INA826 Datasheet HTML 21Page - Texas Instruments INA826 Datasheet HTML 22Page - Texas Instruments INA826 Datasheet HTML 23Page - Texas Instruments INA826 Datasheet HTML 24Page - Texas Instruments INA826 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
Device
47kW
47kW
Device
10kW
Microphone,
Hydrophone,
etc.
Thermocouple
Device
Centertapprovides
biascurrentreturn.
INA826
www.ti.com
SBOS562B
– AUGUST 2011 – REVISED DECEMBER 2011
INPUT BIAS CURRENT RETURN PATH
The input impedance of the INA826 is extremely high
—approximately 20 GΩ. However, a path must be provided
for the input bias current of both inputs. This input bias current is typically 35 nA. High input impedance means
that this input bias current changes very little with varying input voltage.
Input circuitry must provide a path for this input bias current for proper operation. Figure 61 shows various
provisions for an input bias current path. Without a bias current path, the inputs float to a potential that exceeds
the common-mode range of the INA826, and the input amplifiers saturate. If the differential source resistance is
low, the bias current return path can be connected to one input (as shown in the thermocouple example in
Figure 61). With higher source impedance, using two equal resistors provides a balanced input with possible
advantages of lower input offset voltage as a result of bias current and better high-frequency common-mode
rejection.
Figure 61. Providing an Input Common-Mode Current Path
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): INA826



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com