データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

5501MWHT データシート(PDF) 1 Page - E-SWITCH

部品番号 5501MWHT
部品情報  PUSHBUTTON SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  E-SWITCH [E-SWITCH]
ホームページ  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

5501MWHT データシート(HTML) 1 Page - E-SWITCH

  5501MWHT Datasheet HTML 1Page - E-SWITCH 5501MWHT Datasheet HTML 2Page - E-SWITCH 5501MWHT Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.e-switch.com
info@e-switch.com
81
Specifications subject to change without notice.
SERIES
01 = Small
11 = Large
BLK = Black
GRY = Grey
YEL = Yellow
BLU = Blue
RED = Red
ORG = Orange
GRN = Green
WHT= White
X = No LED
RED = Red LED
GRN = Green LED
YEL = Yellow LED
CAP STYLE
55
Example Ordering Number
55_ 11_ M_ BLU
55_ 01_ M_ WHT_ RED, GRN
SPECIFICATIONS
Contact Ratings:
300mA @ 12 VDC
Life Expectancy:
500,000 cycles typical
Contact Resistance:
50mΩ max. typical @ 2-4 VDC, 100mA
Insulation Resistance:
50 MΩ min.
Dielectric Strength:
>1,000 V rms at sea level
Actuation Force:
255 grams max.
Operating Temperature: -25°C to +65°C
MATERIALS
Housing:
Nylon
Cap:
ABS
Contacts:
Gold over nickel over copper alloy
Terminals:
Gold over nickel over copper alloy
HOW TO ORDER
M = Momentary
SERIES 5500 SWITCHES
PUSHBUTTON SWITCHES
MECHANICAL
CONFIGURATION
CAP COLOR
1st LED COLOR
(1-LED cap styles only)
2nd LED COLOR
(2-LED cap styles only)
M
RED = Red LED
GRN = Green LED
YEL = Yellow LED
,
FEATURES & BENEFITS
Single or dual LED options
Hinged pushbutton design
High operating life
APPLICATIONS/MARKETS
Telecommunications
Networking
Computers/servers
Performance audio
Instrumentation
Low power on/off designs
External hard drives and modems


同様の部品番号 - 5501MWHT

メーカー部品番号データシート部品情報
logo
E-SWITCH
5501MWHTGRENGRN E-SWITCH-5501MWHTGRENGRN Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
5501MWHTGRENRED E-SWITCH-5501MWHTGRENRED Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
5501MWHTGRENYEL E-SWITCH-5501MWHTGRENYEL Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
5501MWHTREDGRN E-SWITCH-5501MWHTREDGRN Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
5501MWHTREDRED E-SWITCH-5501MWHTREDRED Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
More results

同様の説明 - 5501MWHT

メーカー部品番号データシート部品情報
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
PUSHBUTTON SWITCHES
TA10UOAEAUPSTA12BLU E-SWITCH-TA10UOAEAUPSTA12BLU Datasheet
526Kb / 5P
PUSHBUTTON SWITCHES
700A E-SWITCH-700A Datasheet
570Kb / 3P
PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
PUSHBUTTON SWITCHES
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
Pushbutton Switches
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
Pushbutton Switches
MSP COPAL-MSP Datasheet
607Kb / 1P
Pushbutton Switches
logo
C&K Components
F-SERIES CK-COMPONENTS-F-SERIES Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
F CK-COMPONENTS-F Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
PS-12G CK-COMPONENTS-PS-12G_V01 Datasheet
888Kb / 8P
Pushbutton Switches
28 Nov 22
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com