| データシートサーチシステム |
|
BLF884PS データシート(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BLF884PS データシート(HTML) 2 Page - NXP Semiconductors |
|
2 / 15 page ![]() BLF884P_BLF884PS All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 2 — 16 December 2011 2 of 15 NXP Semiconductors BLF884P; BLF884PS UHF power LDMOS transistor 2. Pinning information [1] Connected to flange. 3. Ordering information 4. Limiting values Table 2. Pinning Pin Description Simplified outline Graphic symbol BLF884P (SOT1121A) 1drain1 2drain2 3gate1 4gate2 5source [1] BLF884PS (SOT1121B) 1drain1 2drain2 3gate1 4gate2 5source [1] 2 4 5 3 1 4 3 5 1 2 sym117 4 5 3 2 1 4 3 5 1 2 sym117 Table 3. Ordering information Type number Package Name Description Version BLF884P - flanged LDMOST ceramic package; 2 mounting holes; 4 leads SOT1121A BLF884PS - earless flanged LDMOST ceramic package; 4 leads SOT1121B Table 4. Limiting values In accordance with the Absolute Maximum Rating System (IEC 60134). Symbol Parameter Conditions Min Max Unit VDS drain-source voltage - 104 V VGS gate-source voltage 0.5 +11 V Tstg storage temperature 65 +150 C Tj junction temperature - 200 C |