データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SFAF2002G データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 SFAF2002G
部品情報  20.0AMPS. Isolated Glass Passivated Super Fast Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

SFAF2002G データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  SFAF2002G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd SFAF2002G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:E11
RATINGS AND CHARACTERISTIC CURVES (SFAF2001G THRU SFAF2008G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
5
10
15
20
25
0
50
100
150
CASE TEMPERATURE (
oC)
FIG. 3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
0
50
100
150
200
250
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine Wave
JEDEC Method
TA=25℃
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=100℃
TA=75℃
FIG. 4- TYPICAL JUNCTION CAPACITANCE
0
50
100
150
200
250
300
1
10
100
1000
REVERSE VOLTAGE. (V)
TA=25
oC
SFAF2001G~SFAF2004G
SFAF2005G~SFAF2008G
FIG. 5- TYPICAL FORWARD CHARACTERISRICS
0.01
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
FORWARD VOLTAGE. (V)
TA=25
oC
Pulse Width=300us
1% Duty Cycle
SFAF2005G-SFAF2006G
SFAF2001G-
SFAF2007G-SFAF2008G



Html Pages

1 2