データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UR3KB100 データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 UR3KB100
部品情報  Single Phase 3.0AMPS. Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UR3KB100 データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  UR3KB100 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UR3KB100 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version:E11
RATINGS AND CHARACTERISTIC CURVES (UR3KB60 THRU UR3KB100)
FIG.1 MAXIMUM DERATING CURVE FOR OUTPUT
CURRENT
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
120
140
160
AMBIENT TEMPERATURE (
oC)
Without Heat sink
With Heat sink
FIG.2 MAXIMUM FORWARD SURGE CURRENT
PER LEG
0
10
20
30
40
50
60
70
80
90
100
1
10
100
NUMBER OF CYCLES AT 60 Hz
8.3mS Single
Half Sine-Wave
(JEDEC Method)
FIG. 3 TYPICAL REVERSE CHARACTERISTICS PER
LEG
0.1
1
10
100
1000
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TA=25℃
TA=125℃
FIG. 5 FORWARD POWER DISSIPATION
0
1
2
3
4
5
6
7
01
23
FORWARD RECTIFIED CURRENT Io (A)
FIG. 4 TYPICAL FORWARD CHARACTERISRICS PER
LEG.
0.1
1
10
100
0.4
0.6
0.8
1
1.2
1.4
INSTANTANEOUS FORWARD VOLTAGE (V)
TA=25℃
TA=125℃



Html Pages

1 2