| データシートサーチシステム |
|
DLD1 データシート(PDF) 55 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD1 データシート(HTML) 55 Page - ITT Industries |
|
55 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 54 ZIF Connectors Tools and Assembly Tooling AkeyfeatureoftheCannonDLconnector series is easy contact termination, both in the field and in high-volume production. An ergonomically designed hand crimp tool is available for the low volume (loose contact) applications and will accommodate two different crimp contact sizes. To reduce overall costs, the crimp jaws are replaceable. Automatic crimp and strip/crimp machines are available for high volume applications requiring a large number of crimps (50,000 crimps per year or more). These machines are leased to customers to eliminate the need for heavy investment. They also improve productivity for large pin count applications. DL Crimp contacts are designed to be hand installed into the connector, no tooling is needed for the insertion process. Extraction tools are available for the removal of Crimp contacts for easy repair even in field applications. Extraction tools are also available for the Buss contacts, as well as the factory installed Square Post contacts. Extraction Tool — Buss Contacts Extraction Tool for Buss Contact Description Part Number CET-DL3 274-7029-003 CET-DL4 274-7029-004 CET-DL4 274-7029-004 CET-DL5 274-7029-005 CET-DL6 274-7029-006 CET-DL6 274-7029-006 Buss Contact Description Part Number 1 Pair 030-7380-001 2 Pair 030-7380-002 3 Pair 030-7380-003 4 Pair 030-7380-004 5 Pair 030-7380-005 6 Pair 030-7380-006 |