| データシートサーチシステム |
|
PCF8563 データシート(PDF) 15 Page - Tiger Electronic Co.,Ltd |
|
|
|||||||||||||||||||||||||||||
PCF8563 データシート(HTML) 15 Page - Tiger Electronic Co.,Ltd |
|
15 / 23 page ![]() PCF8563 15/23 CLKOUT frequency register Table 20 CLKOUT frequency register bits description(address 0DH) Table 21 CLKOUT frequency selection Countdown timer registers The Timer register is an 8-bit binary countdown timer. It is enabled and disabled via the Timer control register bit TE. The source clock for the timer is also selected by the Timer control register. Other timer properties, e.g. interrupt generation, are controlled via the Control/status 2 register. For accurate read back of the countdown value, the I 2 C-bus clock SCL must be operating at a frequency of at least twice the selected timer clock. Table 22 Timer control register bits description (address 0EH) Table 23 Timer source clock frequency selection |