| データシートサーチシステム |
|
CBAT54SW データシート(PDF) 2 Page - Central Semiconductor Corp |
|
|
|||||||||||||||||||||||||||||
CBAT54SW データシート(HTML) 2 Page - Central Semiconductor Corp |
|
2 / 2 page ![]() CBAT54W CBAT54AW CBAT54CW CBAT54SW SURFACE MOUNT SILICON SCHOTTKY DIODES SOT-323 CASE - MECHANICAL OUTLINE MARKING CODE: C4C MARKING CODE: C44 MARKING CODE: C4L MARKING CODE: C42 LEAD CODE: LEAD CODE: LEAD CODE: LEAD CODE: 1) Anode 1) Cathode D2 1) Anode D2 1) Anode D2 2) No Connection 2) Cathode D1 2) Anode D1 2) Cathode D1 3) Cathode 3) Anode D1, D2 3) Cathode D1, D2 3) Anode D1, Cathode D2 CBAT54W CBAT54AW CBAT54SW CBAT54CW www.centralsemi.com R1 (4-January 2010) |