| データシートサーチシステム |
|
2015446-2 データシート(PDF) 2 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
2015446-2 データシート(HTML) 2 Page - Tyco Electronics |
|
2 / 8 page ![]() 2 Components of a Quad Small Form-factor Pluggable PRODUCT APPLICATION The QSFP application consists of: • a 38-position high speed surface mount connector for the host board Application Data Rate Pluggable Interface SFP XFP X2 XPAK Xenpak SFP+ QSFP Fibre Channel 1G X Fibre Channel 2G X Fibre Channel 4G X X Fibre Channel 8G X Ethernet 1G X Ethernet 10G X X X X X X Ethernet 40G X InfiniBand Standard 2.5G X InfiniBand Standard 5G X X InfiniBand Standard 10G X X InfiniBand Standard 20G X InfiniBand Standard 40G X Fibre Channel is a trademark of the Fibre Channel Industry Association. INFINIBAND is a trademark of the InfiniBand Trade Association. APPLICATIONS FOR PLUGGABLE I/O INTERFACES: DESCRIPTION • a cage which provides EMI containment and guidance for the mating plug • a mating plug, which may be in the form of: • a pluggable transceiver, which accepts an MPO optical cable • a direct-attach QSFP copper cable assembly • a direct-attach PARALIGHT active optical cable • Cage accessories include heatsinks, lightpipes, and EMI/dust plugs. |