データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HMC271LP4 データシート(PDF) 2 Page - Hittite Microwave Corporation

部品番号 HMC271LP4
部品情報  1 dB LSB GaAs MMIC 5-BIT SERIAL CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  HITTITE [Hittite Microwave Corporation]
ホームページ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC271LP4 データシート(HTML) 2 Page - Hittite Microwave Corporation

  HMC271LP4_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC271LP4_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC271LP4_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC271LP4_10 Datasheet HTML 4Page - Hittite Microwave Corporation HMC271LP4_10 Datasheet HTML 5Page - Hittite Microwave Corporation HMC271LP4_10 Datasheet HTML 6Page - Hittite Microwave Corporation HMC271LP4_10 Datasheet HTML 7Page - Hittite Microwave Corporation HMC271LP4_10 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
5
5 - 2
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
Bit Error
vs. Attenuation State
Return Loss RF1, RF2
(Only Major States are Shown)
Insertion Loss
Normalized Attenuation
(Only Major States are Shown)
Note: All Data Typical Over Voltage (+3V to +5V) & Temperature (-40 to +85 deg. C.).
Bit Error vs. Frequency
(Only Major States are Shown)
Relative Phase vs. Frequency
(Only Major States are Shown)
-4
-3.5
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
+25C
+85C
-40C
FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
1 dB
16 dB
31 dB
2 dB
8 dB
4 dB
I.L.
-35
-30
-25
-20
-15
-10
-5
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
-1
-0.5
0
0.5
1
1.5
2
0
4
8
12
16
20
24
28
32
ATTENUATION STATE (dB)
2.4 GHz
0.9 GHz
1.9 GHz
3.5 GHz
-1
0
1
2
3
4
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
16 dB
31 dB
1, 2, 4 dB
8 dB
-100
-75
-50
-25
0
25
50
75
100
0
0.5
1
1.5
2
2.5
3
3.5
4
FREQUENCY (GHz)
31 dB
16 dB
1, 2, 4, 8 dB
HMC271LP4 / 271LP4E
v03.0809
1 dB LSB GaAs MMIC 5-BIT SERIAL
CONTROL DIGITAL ATTENUATOR, 0.7 - 3.7 GHz



Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com