データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5113 データシート(PDF) 9 Page - Analog Devices

部品番号 AD5113
部品情報  Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5113 データシート(HTML) 9 Page - Analog Devices

Back Button AD5113 Datasheet HTML 5Page - Analog Devices AD5113 Datasheet HTML 6Page - Analog Devices AD5113 Datasheet HTML 7Page - Analog Devices AD5113 Datasheet HTML 8Page - Analog Devices AD5113 Datasheet HTML 9Page - Analog Devices AD5113 Datasheet HTML 10Page - Analog Devices AD5113 Datasheet HTML 11Page - Analog Devices AD5113 Datasheet HTML 12Page - Analog Devices AD5113 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5111/AD5113/AD5115
Rev. 0 | Page 9 of 24
INTERFACE TIMING SPECIFICATIONS
VDD = 2.3 V to 5.5 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 5.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Description
fCLK
VDD ≥ 2.7 V
50
MHz
Clock frequency
VDD < 2.7 V
25
MHz
t1
25
ns
CS setup time
t2
VDD ≥ 2.7 V
10
ns
CLK low time
VDD < 2.7 V
20
ns
t3
VDD ≥ 2.7 V
10
ns
CLK high time
VDD < 2.7 V
20
ns
t4
15
ns
U/D setup time
t5
6
ns
U/D hold time
t6
VDD ≥ 2.7 V
20
ns
CS rise to CLK hold time
VDD < 2.7 V
40
ns
t7
15
ns
CS rising edge to next CLK ignored
t8
VDD ≥ 2.7 V
12
ns
U/D minimum pulse time
VDD < 2.7 V
24
ns
t9
12
ns
U/D rise to CLK falling edge
t10
1
µs
Minimum CS time
tEEPROM_PROGRAM1
15
50
ms
Memory program time
tPOWER_UP2
50
µs
Power-on EEPROM restore time
1
EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at a lower temperature and higher write cycles.
2
Maximum time after VDD is equal to 2.3 V.
TIMING DIAGRAMS
t1
RWB
CLK
CS
U/D
t2
t4
t5
t6
t3
t10
t7
Figure 2. Increment/Decrement Mode Timing
DATA
EEPROM
NEW DATA
tEEPROM_PROGRAM
t1
CLK
CS
U/D
t8
t6
Figure 3. Storage Mode Timing
CS
CLK
U/D
t1
t9
t6
Figure 4. Shutdown Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com