データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8021 データシート(PDF) 11 Page - Analog Devices

部品番号 AD8021
部品情報  1 nV/?숰z, Low Power, Rail-to-Rail Output Amplifiers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8021 データシート(HTML) 11 Page - Analog Devices

Back Button AD8021 Datasheet HTML 7Page - Analog Devices AD8021 Datasheet HTML 8Page - Analog Devices AD8021 Datasheet HTML 9Page - Analog Devices AD8021 Datasheet HTML 10Page - Analog Devices AD8021 Datasheet HTML 11Page - Analog Devices AD8021 Datasheet HTML 12Page - Analog Devices AD8021 Datasheet HTML 13Page - Analog Devices AD8021 Datasheet HTML 14Page - Analog Devices AD8021 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
ADA4896-2/ADA4897-1
Rev. 0 | Page 11 of 28
NC 1
–IN 2
+IN 3
–VS 4
8
+VS
7
OUT
6
NC
5
ADA4897-1
DISABLE
NC = NO CONNECT. DO NOT
CONNECT TO THIS PIN.
Figure 6. 8-Lead SOIC Pin Configuration
ADA4897-1
OUT 1
–VS 2
+IN 3
+VS
6
5
–IN
4
DISABLE
Figure 7. 6-Lead SOT-23 Pin Configuration
Table 9. ADA4897-1Pin Function Descriptions
Pin No.
SOIC
SOT-23
Mnemonic
Description
1, 5
N/A
NC
Do not connect to this pin.
2
4
−IN
Inverting Input.
3
3
+IN
Noninverting Input.
4
2
−VS
Negative Supply.
6
1
OUT
Output.
7
6
+VS
Positive Supply.
8
5
DISABLE
Disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28