データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

R46 データシート(PDF) 5 Page - Kemet Corporation

部品番号 R46
部品情報  METALLIZED POLYPROPYLENE FILM CAPACITOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEMET [Kemet Corporation]
ホームページ  http://www.kemet.com
Logo KEMET - Kemet Corporation

R46 データシート(HTML) 5 Page - Kemet Corporation

  R46 Datasheet HTML 1Page - Kemet Corporation R46 Datasheet HTML 2Page - Kemet Corporation R46 Datasheet HTML 3Page - Kemet Corporation R46 Datasheet HTML 4Page - Kemet Corporation R46 Datasheet HTML 5Page - Kemet Corporation R46 Datasheet HTML 6Page - Kemet Corporation R46 Datasheet HTML 7Page - Kemet Corporation R46 Datasheet HTML 8Page - Kemet Corporation R46 Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
09/2008
154
R.46
X2 CLASS (IEC 60384-14) - MKP
meTAllized PolYPRoPYlene Film CAPACiToR
SELF-HEALING PRoPERTIES
Typical applications: interference suppression and «across-
the-line» applications. Suitable for use in situations where
failure of the capacitor would not lead to danger of electric
shock.
PRoDUCT CoDE:
R46
neW 125°C
Rated
Cap.
275 Vac / 560 Vdc
Std dimensions
Ø
d
max
dv/dt at
390Vdc
(V/ µs)
Part number
B
H
L
p
0.010 µF
5.0
11.0
13.0
10.0
0.6
500
R46 K F 2100 - - H1 -
0.015 µF
5.0
11.0
13.0
10.0
0.6
500
R46 K F 2150 - - H1 -
0.022 µF
5.0
11.0
13.0
10.0
0.6
500
R46 K F 2220 - - H1 -
0.033 µF
5.0
11.0
13.0
10.0
0.6
500
R46 K F 2330 - - H1 -
0.047 µF
6.0
12.0
13.0
10.0
0.6
500
R46 K F 2470 - - H1 -
0.068 µF
6.0
12.0
13.0
10.0
0.6
500
R46 K F 2680 - - H1 M
0.010 µF
5.0
11.0
18.0
15.0
0.6
400
R46 K I 2100 - - H1 -
0.015 µF
5.0
11.0
18.0
15.0
0.6
400
R46 K I 2150 - - H1 -
0.022 µF
5.0
11.0
18.0
15.0
0.6
400
R46 K I 2220 - - H1 -
0.033 µF
5.0
11.0
18.0
15.0
0.6
400
R46 K I 2330 - - H1 -
0.047 µF
5.0
11.0
18.0
15.0
0.6
400
R46 K I 2470 - - H1 -
0.068 µF
5.0
11.0
18.0
15.0
0.6
400
R46 K I 2680 - - H1 -
0.10 µF
6.0
12.0
18.0
15.0
0.6
400
R46 K I 3100 - - H1 -
0.15 µF
6.0
17.5
18.0
15.0
0.6
400
R46 K I 3150 - - H2 -
0.15 µF
9.0
12.5
18.0
15.0
0.6
400
R46 K I 3150 - - H3 -
0.15 µF
7.5
13.5
18.0
15.0
0.6
400
R46 K I 3150 - - H1 -
0.22 µF
8.5
14.5
18.0
15.0
0.6
400
R46 K I 3220 - - H1 -
0.22 µF
6.0
17.5
18.0
15.0
0.6
400
R46 K I 3220 - - H2 M
0.22 µF
9.0
12.5
18.0
15.0
0.6
400
R46 K I 3220 - - H3 M
0.22 µF
7.5
18.5
18.0
15.0
0.8
400
R46 K I 3220 - - H4 -
0.33 µF
10.0
16.0
18.0
15.0
0.8
400
R46 K I 3330 - - H1 M
0.33 µF
7.5
18.5
18.0
15.0
0.8
400
R46 K I 3330 - - H2 M
0.33 µF
13.0
12.0
18.0
15.0
0.8
400
R46 K I 3330 - - H3 M
0.47 µF
11.0
19.0
18.0
15.0
0.8
400
R46 K I 3470 - - H1 M
0.15 µF
6.0
15.0
26.5
22.5
0.8
200
R46 K N 3150 - - H1 -
0.22 µF
6.0
15.0
26.5
22.5
0.8
200
R46 K N 3220 - - H1 -
0.33 µF
7.0
16.0
26.5
22.5
0.8
200
R46 K N 3330 - - H1 -
0.47 µF
10.0
18.5
26.5
22.5
0.8
200
R46 K N 3470 - - H1 -
0.68 µF
11.0
20.0
26.5
22.5
0.8
200
R46 K N 3680 - - H1 -
1.0 µF
13.0
22.0
26.5
22.5
0.8
200
R46 K N 4100 - - H1 -
300Vac available upon request
E12 Series available upon request
All dimensions are in mm
Loose
Taped
Fig.1
Fig.2
Rated voltage (K=275Vac)
Mechanical version and packaging (Table 1)
Tolerance: K (±10%); M (±20%)
For “capacitor connected in serial with main line” (two - phase and
three - phase net) application, please read the “SHoRT GUIDE To
CHooSE THE RIGHT FILM CAPACIToRS” and contact
our Technical Service for choosing the safest solution.
Ø d ±0.05
p ≤15
p = 22.5
0.6 or 0.8*
0.8
*See size table.
All dimensions are in mm.
GeneRAl TeCHniCAl dATA
dielectric: polypropylene film.
Plates: metal layer deposited by evaporation under vacuum.
Winding: non-inductive type.
leads: tinned wire.
Protection: plastic case, thermosetting resin filled. Box material is
solvent resistant and flame retardant according to UL94 V0.
marking: Manufacturer’s logo, series, capacitance, tolerance,
rated voltage, capacitor class, dielectric code, climatic category,
passive flammability category, manufacturing date code, approvals,
manufacturing plant.
Climatic category: 40/125/56 IEC 60068-1
operating temperature range: -40 to +125°C
Related documents:
IEC 60384-14; EN 60384-14
eleCTRiCAl CHARACTeRiSTiCS
Rated voltage (V
R):
275 Vac (50/60Hz) / 560 Vdc
Capacitance range:
0.01µF to 1µF
TeST meTHod And PeRFoRmAnCe
endurance:
Test conditions
Temperature:
+125°C±2°C
Test duration:
1000 h
Voltage applied:
1.25 x V
R +1000Vac 0.1 s/h
Performance
Dielectric strength: no dielectric breakdown or
flashover at 4.3 x V
R (d.c.)/1 min
Capacitance change |∆C/C|:
≤ 10%
Insulation resistance:
≥
50% of initial limit.
APPRoVAlS
(**)
ENEC
IEC 60384-14
Class X2
File No.CA08.00063
UL 1414
(up to 1µF, 85°C;
250Vac)
Across-the-line
File No.E97797
CSA - C22.2 No.1
(up to 1µF, 85°C;
250Vac)
Across-the-line
certified for
Canada
File No.E97797
UL 1283
(310 Vac)
Electromagnetic
Interference
Filters
File No.E85238
CSA - C22.2 No.8
(310 Vac)
Electromagnetic
Interference
Filters certified
for Canada
File No.E85238
Approved according to IEC 60384-14
According to IEC 60065
(**) ENEC mark has replaced all the following European National
marks:
Not for use in series with the mains.
See www.kemet.com for more information.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com