| データシートサーチシステム |
|
HT83038 データシート(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT83038 データシート(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 40 page ![]() Pad Assignment HT83004/HT83007/HT83010 Chip size: 2280 ´1475 (mm) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. HT83020/HT83038 Chip size: 2180 ´1720 (mm) 2 * The IC substrate should be connected to VSS in the PCB layout artwork. HT83XXX Rev. 1.60 3 November 19, 2008 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 4 ( 0 , 0 ) P A 0 P A 1 P A 2 P A 3 P A 4 P A 5 P A 6 P A 7 P W M 2 P W M 1 V D D P V D D V S S P V S S O S C 1 O S C 2 ( 0 , 0 ) 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 2 1 2 0 1 9 1 8 1 7 1 6 1 5 1 4 P A 0 P A 1 P A 2 P A 3 P A 4 P A 5 P A 6 P A 7 P W M 2 P W M 1 V D D P V D D V S S P V S S O S C 1 O S C 2 |