データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAM18DF2L0521 データシート(PDF) 1 Page - Protek Devices

部品番号 PAM18DF2L0521
部品情報  ULTRA LOW CATACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM18DF2L0521 データシート(HTML) 1 Page - Protek Devices

  PAM18DF2L0521 Datasheet HTML 1Page - Protek Devices PAM18DF2L0521 Datasheet HTML 2Page - Protek Devices PAM18DF2L0521 Datasheet HTML 3Page - Protek Devices PAM18DF2L0521 Datasheet HTML 4Page - Protek Devices PAM18DF2L0521 Datasheet HTML 5Page - Protek Devices PAM18DF2L0521 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05349.R0 12/11
Page 1
PAM18DF2L0521
uLtRA LOW CAPACItANCE tVS ARRAY
DESCRIPtION
The PAM18DF2L0521 is an ultra low capacitance transient voltage suppressor array, designed to protect automotive
applications from the damaging effects of Electrostatic Discharge and Electrical Fast Transients.
The PAM18DF2L0521 meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher operating frequen-
cies or faster edge rates, insertion loss and signal integrity are a major concern. This device offers an ultra low capaci-
tance and low leakage current in a miniature DFN-2-0402 package.
FEAtuRES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT)
• Compatible with IEC 61000-4-5 (Surge)
• 80 Watts Peak Pulse Power per Line (tp = 8/20µs)
• ESD Protection
• Low Clamping Voltage
• Protects One Bidirectional Line
• Ultra Low Capacitance: 0.4 pF (Typical)
• RoHS Compliant
• REACH Compliant
MEChANICAL ChARACtERIStICS
• Molded JEDEC DFN-2-0402 Package
• Approximate Weight: 2 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 8mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPLICAtIONS
• Automotive Applications
PIN CONFIGuRAtION
1
2
DFN-2 PACkAGE


同様の部品番号 - PAM18DF2L0521

メーカー部品番号データシート部品情報
logo
Texas Instruments
PAM1806BZCE3 TI-PAM1806BZCE3 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
PAM1806BZCE3 TI-PAM1806BZCE3 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
PAM1806BZCE4 TI-PAM1806BZCE4 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
PAM1806BZCE4 TI-PAM1806BZCE4 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
PAM1806BZCEA3 TI-PAM1806BZCEA3 Datasheet
1Mb / 241P
AM1806 ARM Microprocessor
More results

同様の説明 - PAM18DF2L0521

メーカー部品番号データシート部品情報
logo
Protek Devices
GBLC03 PROTEC-GBLC03 Datasheet
174Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU28-4 PROTEC-SLVU28-4 Datasheet
184Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
PLC497 PROTEC-PLC497 Datasheet
111Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03 Datasheet
57Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
GBLCSC03 PROTEC-GBLCSC03_07 Datasheet
62Kb / 3P
ULTRA LOW CAPACITANCE TVS ARRAY
SLVU2.8-4 PROTEC-SLVU2.8-4_05 Datasheet
97Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
DL0521P PROTEC-DL0521P_11 Datasheet
569Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
PAM03SD2303CI PROTEC-PAM03SD2303CI_12 Datasheet
602Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
logo
FutureWafer Tech Co.,Lt...
FW0524LC-0.8PF FUTUREWAFER-FW0524LC-0.8PF Datasheet
1,017Kb / 5P
Ultra Low Capacitance TVS Array
logo
Protek Devices
GBLCXXCDSL PROTEC-GBLCXXCDSL Datasheet
522Kb / 7P
ULTRA LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com