データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PAM19DF2L0521P データシート(PDF) 4 Page - Protek Devices

部品番号 PAM19DF2L0521P
部品情報  ULTRA LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM19DF2L0521P データシート(HTML) 4 Page - Protek Devices

  PAM19DF2L0521P Datasheet HTML 1Page - Protek Devices PAM19DF2L0521P Datasheet HTML 2Page - Protek Devices PAM19DF2L0521P Datasheet HTML 3Page - Protek Devices PAM19DF2L0521P Datasheet HTML 4Page - Protek Devices PAM19DF2L0521P Datasheet HTML 5Page - Protek Devices PAM19DF2L0521P Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05364.R0 1/12
Page 4
PAM19DF2L0521P
DFN-2-0402 PACkAGE INFORMAtION
OutLINE DIMENSIONS
DIM
MILLIMEtERS
INChES
MIN
MAX
MIN
MAX
A
0.90
1.05
0.035
0.041
B
0.51
0.65
0.02
0.024
C
0.51
0.60
0.02
0.024
H
0~0.10
0~0.10
0~0.004
0~0.004
L1
0.45
0.55
0.018
0.022
L2
0.18
0.30
0.007
0.012
L4
0.65 BSC
0.026 BSC
NOtES
1. Dimensioning and tolerances per ANSI Y14.M, 1985.
2. Controlling dimension: inches.
3. Dimensions are exclusive of mold flash and metal burrs.
PAD LAYOut DIMENSIONS
DIM
MILLIMEtERS
INChES
MIN
MAX
MIN
MAX
A
1.30
1.50
0.051
0.059
B
0.60
0.70
0.024
0.028
C
0.40
0.55
0.016
0.022
NOtES
1. Controlling dimension: inches.
L1
A
L4
B
C
L2
BOTTOM VIEW
TOP VIEW
B
A
C
H
SIDE VIEW



Html Pages

1 2 3 4 5 6