データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PSD36 データシート(PDF) 6 Page - Protek Devices

部品番号 PSD36
部品情報  HIGH POWERED TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSD36 データシート(HTML) 6 Page - Protek Devices

  PSD36 Datasheet HTML 1Page - Protek Devices PSD36 Datasheet HTML 2Page - Protek Devices PSD36 Datasheet HTML 3Page - Protek Devices PSD36 Datasheet HTML 4Page - Protek Devices PSD36 Datasheet HTML 5Page - Protek Devices PSD36 Datasheet HTML 6Page - Protek Devices PSD36 Datasheet HTML 7Page - Protek Devices PSD36 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05118.R13 11/10
Page 6
PSD03 - PSD36C
SoD-323 PACkAge inFoRMATion
ouTline DiMenSionS
DiM
MilliMeTeRS
inCheS
Min
MAX
Min
MAX
A
1.60
1.90
0.063
0.075
B
1.15
1.45
0.045
0.057
C
2.39
2.70
0.094
0.106
D
0.80
1.10
0.031
0.043
E
0.25
0.40
0.010
0.016
F
0.10
0.20
0.004
0.008
H
-
0.10
-
0.004
L
0.20
-
0.008
-
noTeS
1. Controlling dimension: millimeters.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
PAD lAYouT DiMenSionS
DiM
MilliMeTeRS
inCheS
Min
MAX
Min
MAX
A
2.87
3.12
0.113
0.123
B
0.66
0.91
0.026
0.036
C
0.66
0.91
0.026
0.036
noTeS
1. Controlling dimension: millimeters.
A
C
E
B
F
L
D
H
A
B
C



Html Pages

1 2 3 4 5 6 7 8