データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLVDA2.8LC データシート(PDF) 5 Page - Protek Devices

部品番号 SLVDA2.8LC
部品情報  600 WATT MULTI-LINE ULTRA LOW CAPACITANCE TVS ARRAY
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PROTEC [Protek Devices]
ホームページ  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SLVDA2.8LC データシート(HTML) 5 Page - Protek Devices

  SLVDA2.8LC Datasheet HTML 1Page - Protek Devices SLVDA2.8LC Datasheet HTML 2Page - Protek Devices SLVDA2.8LC Datasheet HTML 3Page - Protek Devices SLVDA2.8LC Datasheet HTML 4Page - Protek Devices SLVDA2.8LC Datasheet HTML 5Page - Protek Devices SLVDA2.8LC Datasheet HTML 6Page - Protek Devices SLVDA2.8LC Datasheet HTML 7Page - Protek Devices SLVDA2.8LC Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05143.R9 10/10
Page 5
SLVDA2.8LC
APPLICATION INFORMATION
FIGURE 1 - BIDIRECTIONAL COMMON-MODE PROTECTION
The SLVDA2.8LC provides 4 lines of protection in a common mode configuration. Circuit connectivity is as follows:
• Line 1 connected to Pin 8.
• Line 2 connected to Pin 7.
• Line 3 connected to Pin 6.
• Line 4 connected to Pin 5.
• Pins 1, 2, 3 and 4 connected to ground.
CIRCUIT BOARD RECOMMENDATIONS
Circuit board layout is critical for electromagnetic compatibility protection. The following guidelines are recommended:
• The protection device should be placed near the input terminals or connectors, the device will divert the transient current
immediately before it can be coupled into the nearby traces.
• The path length between the TVS device and the protected line should be minimized.
• All conductive loops including power and ground loops should be minimized.
• The transient current return path to ground should be kept as short as possible to reduce parasitic inductance.
• Ground planes should be used whenever possible. For multilayer PCBs, use ground vias.
FIGURE 2 - BIDIRECTIONAL DIFFERENTIAL-MODE PROTECTION
The SLVDA2.8LC provides four line pairs in a differential mode configuration. Circuit connectivity is as follows:
• Line Pair 1 connected to Pins 8 and 1.
• Line Pair 2 connected to Pins 7 and 2.
• Line Pair 3 connected to Pins 5 and 4.
• Line Pair 4 connected to Pins 6 and 3.
1
2
4
8
3
5
6
7
Line 1
Line 2
Line 3
Line 4
1
2
4
8
3
5
6
7
Line Pair 2
Line Pair 1
Line Pair 3
Line Pair 4



Html Pages

1 2 3 4 5 6 7 8