データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

WS2273 データシート(PDF) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

部品番号 WS2273
部品情報  2273 Current Mode PWM Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
ホームページ  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WS2273 データシート(HTML) 3 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WS2273 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 8Page - Shenzhen Winsemi Microelectronics Co., Ltd WS2273 Datasheet HTML 9Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
WS2273
WS2273
WS2273
WS2273
3/9
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
Ordering
Ordering
Ordering
Ordering Information
Information
Information
Information
Package
Package
Package
Package
IC
IC
IC
IC Marking
Marking
Marking
Marking Information
Information
Information
Information
Purchasing
Purchasing
Purchasing
Purchasing Device
Device
Device
Device Name
Name
Name
Name
6-Pin SOT23-6, Pb-free
73XX
2273TP(SOT23-6)
Recommended
Recommended
Recommended
Recommended Operating
Operating
Operating
Operating Condition
Condition
Condition
Condition
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Value
Value
Value
Value
Unit
Unit
Unit
Unit
VCC
VCC supply voltage
10~30
V
RT
RT resistor value
100
Kohm
TA
Operating temperature
-20~85
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
Symbol
Symbol
Symbol
Symbol
Parameter
Parameter
Parameter
Parameter
Value
Value
Value
Value
Unit
Unit
Unit
Unit
VCC
DC supply voltage
30
V
VFB
FB input voltage
-0.3~7
V
VCS
CS input voltage
-0.3~7
V
VRT
RT input voltage
-0.3~7
V
TJ
Operating junction temperature
-20~150
TSTG
Storage temperature
-40~150
VCV
VCC clamp voltage
26
V
ICC
VCC DC clamp current
10
mA
Note: Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These
are stress ratings only, functional operation of the device at these or any other conditions beyond those indicated in the
Recommended Operating Conditions section are not implied. Exposure to absolute maximum-rated conditions for
extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com