データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KIA1117BS/BF/BPI18 データシート(PDF) 3 Page - KEC(Korea Electronics)

部品番号 KIA1117BS/BF/BPI18
部品情報  BIPOLAR LINEAR INTEGRATED CIRCUIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  KEC [KEC(Korea Electronics)]
ホームページ  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA1117BS/BF/BPI18 データシート(HTML) 3 Page - KEC(Korea Electronics)

  KIA1117BS/BF/BPI18 Datasheet HTML 1Page - KEC(Korea Electronics) KIA1117BS/BF/BPI18 Datasheet HTML 2Page - KEC(Korea Electronics) KIA1117BS/BF/BPI18 Datasheet HTML 3Page - KEC(Korea Electronics) KIA1117BS/BF/BPI18 Datasheet HTML 4Page - KEC(Korea Electronics) KIA1117BS/BF/BPI18 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2011. 3. 30
3/5
Revision No : 0
KIA1117BS/BF/BPI00 ~ KIA1117BS/BF/BPI50
Fig.1 Application Circuit-1 (Fixed-Type)
Fig.2 Application Circuit-2 (Adjustable-Type)
VOUT=VREF× (1+R2/R1) + IADJ×R2
* Note 1) MLCC, Tantalum, Low ESR Electrolytic Capacitors
are suitable in ESR range for stability (1m~200
Ω)
** Note 2) When R1 is much larger than 124
Ω, apply 8~10mA
to Vout-GND by setting an additional dummy resistor for
stability of Vout under no load condition



Html Pages

1 2 3 4 5