| データシートサーチシステム |
|
KIA1117BS/BF/BPI25 データシート(PDF) 3 Page - KEC(Korea Electronics) |
|
|
|||||||||||||||||||||||||||||
KIA1117BS/BF/BPI25 データシート(HTML) 3 Page - KEC(Korea Electronics) |
|
3 / 5 page ![]() 2011. 3. 30 3/5 Revision No : 0 KIA1117BS/BF/BPI00 ~ KIA1117BS/BF/BPI50 Fig.1 Application Circuit-1 (Fixed-Type) Fig.2 Application Circuit-2 (Adjustable-Type) VOUT=VREF× (1+R2/R1) + IADJ×R2 * Note 1) MLCC, Tantalum, Low ESR Electrolytic Capacitors are suitable in ESR range for stability (1m~200 Ω) ** Note 2) When R1 is much larger than 124 Ω, apply 8~10mA to Vout-GND by setting an additional dummy resistor for stability of Vout under no load condition |